Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA1102R Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics STA1102R Datasheet HTML 15Page - STMicroelectronics STA1102R Datasheet HTML 16Page - STMicroelectronics STA1102R Datasheet HTML 17Page - STMicroelectronics STA1102R Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STA1102R
Revision history
Doc ID 16470 Rev 5
17/18
9
Revision history
Table 12.
Document revision history
Date
Revision
Changes
19-Oct-2009
1
Initial release.
08-Jan-2010
2
Updated: Figure 1, Figure 2, Table 2, Section 2.1,
Section Figure 3. and Table 5.
12-Mar-2010
3
Updated package
information.
Replaced D1 with D2 and D0 with D1.
04-Feb-2011
4
Document reformatted, added Contents, updated Table 5,
corrected typo in Figure 1, Table 2, Table 3, Section 3.2,
Section 3.4.1, Section 3.5, Figure 3, Figure 5, Figure 6, Table 8,
Table 11.
31-Jan-2013
5
Updated temperature in Features (replaced -40 by 0).
Minor corrections throughout document.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18