Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA333SMLTR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STA333SMLTR
Description  Automatic zero-detect mute
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333SMLTR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STA333SMLTR Datasheet HTML 9Page - STMicroelectronics STA333SMLTR Datasheet HTML 10Page - STMicroelectronics STA333SMLTR Datasheet HTML 11Page - STMicroelectronics STA333SMLTR Datasheet HTML 12Page - STMicroelectronics STA333SMLTR Datasheet HTML 13Page - STMicroelectronics STA333SMLTR Datasheet HTML 14Page - STMicroelectronics STA333SMLTR Datasheet HTML 15Page - STMicroelectronics STA333SMLTR Datasheet HTML 16Page - STMicroelectronics STA333SMLTR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID025317 Rev 2
13/17
STA333SML
Package mechanical data
17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
The STA333SML comes in a CSP 5x6 array package.
Figure 10 below shows the package outline and gives the dimensions.
Figure 10. CSP 5x6 array outline drawing
7224730_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17