Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST4485EB Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ST4485EB
Description  Guaranteed 20 Mbps data rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4485EB Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ST4485EB Datasheet HTML 10Page - STMicroelectronics ST4485EB Datasheet HTML 11Page - STMicroelectronics ST4485EB Datasheet HTML 12Page - STMicroelectronics ST4485EB Datasheet HTML 13Page - STMicroelectronics ST4485EB Datasheet HTML 14Page - STMicroelectronics ST4485EB Datasheet HTML 15Page - STMicroelectronics ST4485EB Datasheet HTML 16Page - STMicroelectronics ST4485EB Datasheet HTML 17Page - STMicroelectronics ST4485EB Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
ST4485EB
14/18
DocID025158 Rev 2
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18