Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST3243EC Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST3243EC
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EC Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST3243EC Datasheet HTML 6Page - STMicroelectronics ST3243EC Datasheet HTML 7Page - STMicroelectronics ST3243EC Datasheet HTML 8Page - STMicroelectronics ST3243EC Datasheet HTML 9Page - STMicroelectronics ST3243EC Datasheet HTML 10Page - STMicroelectronics ST3243EC Datasheet HTML 11Page - STMicroelectronics ST3243EC Datasheet HTML 12Page - STMicroelectronics ST3243EC Datasheet HTML 13Page - STMicroelectronics ST3243EC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application circuits
ST3243EB, ST3243EC
10/16
Doc ID 8648 Rev 12
5
Application circuits
Figure 2.
Application circuits
Table 13.
Required minimum capacitance value (µF)
VCC (V)
C1
C2, C3, C4, CBYPASS
3 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16