Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OA1ZHA22C Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce OA1ZHA22C
Description  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA22C Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button OA1ZHA22C Datasheet HTML 27Page - STMicroelectronics OA1ZHA22C Datasheet HTML 28Page - STMicroelectronics OA1ZHA22C Datasheet HTML 29Page - STMicroelectronics OA1ZHA22C Datasheet HTML 30Page - STMicroelectronics OA1ZHA22C Datasheet HTML 31Page - STMicroelectronics OA1ZHA22C Datasheet HTML 32Page - STMicroelectronics OA1ZHA22C Datasheet HTML 33Page - STMicroelectronics OA1ZHA22C Datasheet HTML 34Page - STMicroelectronics OA1ZHA22C Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
OA1ZHA, OA2ZHA, OA4ZHA
Ordering information
DocID025994 Rev 2
33/35
7
Ordering information
Table 10: Order codes
Order code
Temperature range
Package
Packaging
Marking
OA1ZHA22C
-40 to 125 °C
SC70-5
Tape and reel
K44
OA2ZHA34S
MiniSO8
K208
OA2ZHA22Q
DFN8 2x2
K33
OA4ZHA33Q
QFN16 3x3
K193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35