Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OA1ZHA Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce OA1ZHA
Description  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button OA1ZHA Datasheet HTML 25Page - STMicroelectronics OA1ZHA Datasheet HTML 26Page - STMicroelectronics OA1ZHA Datasheet HTML 27Page - STMicroelectronics OA1ZHA Datasheet HTML 28Page - STMicroelectronics OA1ZHA Datasheet HTML 29Page - STMicroelectronics OA1ZHA Datasheet HTML 30Page - STMicroelectronics OA1ZHA Datasheet HTML 31Page - STMicroelectronics OA1ZHA Datasheet HTML 32Page - STMicroelectronics OA1ZHA Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
OA1ZHA, OA2ZHA, OA4ZHA
Package information
DocID025994 Rev 2
29/35
6.3
DFN8 2x2 package information
Figure 52: DFN8 2x2 package outline
Table 8: DFN8 2x2 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0.05
0.002
A3
0.15
0.006
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.85
2.00
2.15
0.073
0.079
0.085
D2
1.45
1.60
1.70
0.057
0.063
0.067
E
1.85
2.00
2.15
0.073
0.079
0.085
E2
0.75
0.90
1.00
0.030
0.035
0.039
e
0.50
0.020
L
0.425
0.017
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35