Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OA4MPA33Q Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce OA4MPA33Q
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA33Q Fiches technique(HTML) 3 Page - STMicroelectronics

  OA4MPA33Q Datasheet HTML 1Page - STMicroelectronics OA4MPA33Q Datasheet HTML 2Page - STMicroelectronics OA4MPA33Q Datasheet HTML 3Page - STMicroelectronics OA4MPA33Q Datasheet HTML 4Page - STMicroelectronics OA4MPA33Q Datasheet HTML 5Page - STMicroelectronics OA4MPA33Q Datasheet HTML 6Page - STMicroelectronics OA4MPA33Q Datasheet HTML 7Page - STMicroelectronics OA4MPA33Q Datasheet HTML 8Page - STMicroelectronics OA4MPA33Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DocID025992 Rev 1
3/28
OA1MPA, OA2MPA, OA4MPA
Pin connections
28
1
Pin connections
Figure 1. Pin connections (top view)
1.
The exposed pads of the QFN16 3x3 can be connected to VCC- or left floating.
DFN8 2x2 (OA2MPA)
MiniSO-8 (OA2MPA)
Dual
QFN16 3x3 (OA4MPA)
SC70-5 (OA1MPA)
Quad
Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28