Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OA4MPA Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce OA4MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button OA4MPA Datasheet HTML 19Page - STMicroelectronics OA4MPA Datasheet HTML 20Page - STMicroelectronics OA4MPA Datasheet HTML 21Page - STMicroelectronics OA4MPA Datasheet HTML 22Page - STMicroelectronics OA4MPA Datasheet HTML 23Page - STMicroelectronics OA4MPA Datasheet HTML 24Page - STMicroelectronics OA4MPA Datasheet HTML 25Page - STMicroelectronics OA4MPA Datasheet HTML 26Page - STMicroelectronics OA4MPA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID025992 Rev 1
23/28
OA1MPA, OA2MPA, OA4MPA
Package information
28
5.2
DFN8 2x2 package information
Figure 24. DFN8 2x2 package mechanical drawing
Table 9. DFN8 2x2 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.00
0.079
E
2.00
0.079
e
0.50
0.020
L
0.045
0.55
0.65
0.018
0.022
0.026
N8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28