Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OA1NP Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 19Page - STMicroelectronics OA1NP Datasheet HTML 20Page - STMicroelectronics OA1NP Datasheet HTML 21Page - STMicroelectronics OA1NP Datasheet HTML 22Page - STMicroelectronics OA1NP Datasheet HTML 23Page - STMicroelectronics OA1NP Datasheet HTML 24Page - STMicroelectronics OA1NP Datasheet HTML 25Page - STMicroelectronics OA1NP Datasheet HTML 26Page - STMicroelectronics OA1NP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID025993 Rev 2
23/31
OA1NP, OA2NP, OA4NP
Application information
31
4.10
ESD structure of OA1NP, OA2NP, OA4NP series
The OA1NP, OA2NP and OA4NP are protected against electrostatic discharge (ESD) with
dedicated diodes (see Figure 41). These diodes must be considered at application level
especially when signals applied on the input pins go beyond the power supply rails (VCC+ or
VCC-).
Figure 41. ESD structure
Current through the diodes must be limited to a maximum of 10 mA as stated in Table 2. A
serial resistor or a Schottky diode can be used on the inputs to improve protection but the
10 mA limit of input current must be strictly observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31