| Moteur de recherche de fiches techniques de composants électroniques |
|
OA1MPA Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
OA1MPA Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() DocID025992 Rev 1 5/28 OA1MPA, OA2MPA, OA4MPA Absolute maximum ratings and operating conditions 28 Table 3. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 1.5 to 5.5 V Vicm Common mode input voltage range VCC- - 0.1 to VCC+ + 0.1 Toper Operating free air temperature range -40 to +125 °C |