Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS70 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce CS70
Description  High side current sense high voltage op amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 16Page - STMicroelectronics CS70 Datasheet HTML 17Page - STMicroelectronics CS70 Datasheet HTML 18Page - STMicroelectronics CS70 Datasheet HTML 19Page - STMicroelectronics CS70 Datasheet HTML 20Page - STMicroelectronics CS70 Datasheet HTML 21Page - STMicroelectronics CS70 Datasheet HTML 22Page - STMicroelectronics CS70 Datasheet HTML 23Page - STMicroelectronics CS70 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application information
CS70
20/24
DocID026041 Rev 1
The resistor ratio, K1 = Rg3/Rg1, is internally set to 20 V/V, and the voltage buffer gain, K2,
can be set to 1, 1.25, 2.5, or 5 depending on the voltage applied on the SEL1 and SEL2
pins. Since they define the full-scale output range of the application, the Rsense resistor and
the amplification gain Av are important parameters and must therefore be selected carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24