| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3935 Fiches technique(PDF) 11 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3935 Fiches technique(HTML) 11 Page - ams AG |
|
11 / 28 page ![]() www.austriamicrosystems.com Revision 1.2 10 - 27 AS3935 Datasheet - Detailed Descri p ti on Figure 12. AS3935 Application Diagram (Voltage Regulator ON, SPI Active) Figure 13. AS3935 Application Diagram (Voltage Regulator ON, I²C Active) R1 C1 L1 EN_VREG I2CL/SCL INP ACG VREG INN ADD1 ADD0 GND VDD TEST SI IRQ MISO CS I2CD/MOSI 2.4V – 5.5V C2 10µF C3 1µF C2 10µF R1 C1 L1 EN_VREG I2CL/SCL INP ACG VREG INN ADD1 ADD0 GND VDD TEST SI IRQ MISO CS I2CD/MOSI To VDD R2 2.4V – 5.5V C3 1µF |