Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1372 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS1372
Description  350mA Dual Rail Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Fiches technique(HTML) 11 Page - ams AG

Back Button AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG AS1372 Datasheet HTML 11Page - ams AG AS1372 Datasheet HTML 12Page - ams AG AS1372 Datasheet HTML 13Page - ams AG AS1372 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
11 - 14
AS1372
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Improved dropout
Dropout mainly refers to the resistivity of the output transistor when its gate is driven to ground and the feedback
regulation loop is open. Moreover when the output transistor is in dropout input and output voltages are nearly
coincident. In this way, in a traditional approach, the gate to source voltage that determines the resistivity of the output
PMOS in dropout is nearly equal to the output voltage. This means that a smaller output voltage brings worse dropout
performances. In the dual supply approach, on the contrary, in dropout conditions the gate of the output transistor is
pushed to Vbias voltage and only Vin drops nearly coincident to Vout. As Vbias can be chosen independently from Vin,
even at small output voltages a large overdrive at the output transistor can be ensured and an extremely reduced
dropout value comes out.
Faster response
In a traditional approach, the output of the LDO is coincident with the drain of the output PMOS transistor. In this way,
if the load current suddenly changes, any variation at the output voltage is not able to vary the output current of the
LDO until it is amplified to the gate of the output PMOS by the error amplifier. A delay comes, unavoidably. On the
contrary, in the dual supply approach it is the source of the output transistor to be coincident with the output voltage. In
this way a change in the output voltage immediately modulates the current from the LDO and a better regulation in fast
load transient is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14