Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1111C Fiches technique(PDF) 8 Page - ams AG

No de pièce AS1111C
Description  This document describes the AS1111C Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1111C Fiches technique(HTML) 8 Page - ams AG

Back Button AS1111C Datasheet HTML 2Page - ams AG AS1111C Datasheet HTML 3Page - ams AG AS1111C Datasheet HTML 4Page - ams AG AS1111C Datasheet HTML 5Page - ams AG AS1111C Datasheet HTML 6Page - ams AG AS1111C Datasheet HTML 7Page - ams AG AS1111C Datasheet HTML 8Page - ams AG AS1111C Datasheet HTML 9Page - ams AG AS1111C Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AS1111C Standard Board
ams Eval Kit Manual
Page 8
[v1-00] 2015-Jan-20
Document Feedback
5.3
Bill of Materials
Figure 8: BOM
Bill of Materials
AS1111C Evalboard
Company:
ams AG
Originator:
mkc
PCB Name:
AS1111C Evalboard
PCB Version:
1.0
Report Date:
02.08.2013
#
Designator
Comment
Component_Description
Manufacturer
Manufacturer Part Number
Quantity
1
C1, C2, C3
1µF
CAP CER 1UF 16V 20%
X5R 0603
Murata Electronics North
America
GRM188R61C105MA93D
3
2
D1, D2, D3, D4
LED
LED 3.2X1.6MM 630NM RED
CLR SMD
Kingbright
APT3216SURCK
4
3
J1
3M - 961102-6404-AR -
CONNECTOR, HEADER,
2POS, 1ROW, 2.54MM
3M
961102-6404-AR
1
4
J_CTRL, J_EN
CTRL, EN
3M - 961103-6404-AR -
BOARD TO BOARD,
HEADER, 3POS, 1ROW
3M
961103-6404-AR
2
5
J_D1, J_D2, J_D3, J_D4, J_Rset D1, D2, D3, D4, [NoValue]
SAMTEC - SSA-102-S-G -
BUCHSE, 2.54MM, LPT,
2KONT
SAMTEC
SSA-102-S-G
5
6
Rset
51k
MULTICOMP -
MC01W0805151K -
WIDERSTAND, 51K, 0.1W,
1%, 0805
MULTICOMP
MC01W0805151K
1
7
TP_EN
Testpoint
VERO - 20-313139 -
PRÜFPUNKT, PCB, WEISS,
PK100
VERO
20-313139
1
8
TP_GND, TP_GND1
Testpoint
VERO - 20-2137 -
PRÜFPUNKT, PCB,
SCHWARZ, PK100
VERO
20-2137
2
9
TP_VLED, TP_VSET
Testpoint
VERO - 20-313137 -
PRÜFPUNKT, PCB, ROT,
PK100
VERO
20-313137
2
10
U1
AS1111C
1
Notes
22
Approved



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com