Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRI64 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LRI64
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 5Page - STMicroelectronics LRI64 Datasheet HTML 6Page - STMicroelectronics LRI64 Datasheet HTML 7Page - STMicroelectronics LRI64 Datasheet HTML 8Page - STMicroelectronics LRI64 Datasheet HTML 9Page - STMicroelectronics LRI64 Datasheet HTML 10Page - STMicroelectronics LRI64 Datasheet HTML 11Page - STMicroelectronics LRI64 Datasheet HTML 12Page - STMicroelectronics LRI64 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
LRI64
VCD TO LRI64 FRAMES
Request Frames are delimited by a Start of Frame
(SOF) and an End of Frame (EOF) and are imple-
mented using a code violation mechanism. Un-
used options are reserved for future use.
The LRI64 is ready to receive a new command
frame from the VCD after a delay of t2 (see Table
14.) after having sent a response frame to the
VCD.
The LRI64 generates a Power On delay of tPOR
(see Table 14.) after being activated by the power-
ing field. After this delay, the LRI64 is ready to re-
ceive a command frame from the VCD.
In ISO 15693 and ISO 18000-3 Mode 1 standards,
the SOF is used to define the data coding mode
that the VCD is going to use in the following com-
mand frame.
The SOF that is shown in Figure 8. selects the “1-
out-of-4” data coding mode. (The LRI64 does not
support the SOF for the “1-out-of-256” data coding
mode.)
The corresponding EOF sequence is shown in
Figure 9.
Figure 8. Request SOF, using the “1-out-of-4” Data Coding Mode
Figure 9. Request EOF
AI06660
37.76 µs
9.44 µs
9.44 µs
37.76 µs
9.44 µs
AI06662
9.44 µs
37.76 µs
9.44 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38