Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2129B Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST2129B
Description  2-bit dual supply level translator without direction control pin, push-pull output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129B Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST2129B Datasheet HTML 2Page - STMicroelectronics ST2129B Datasheet HTML 3Page - STMicroelectronics ST2129B Datasheet HTML 4Page - STMicroelectronics ST2129B Datasheet HTML 5Page - STMicroelectronics ST2129B Datasheet HTML 6Page - STMicroelectronics ST2129B Datasheet HTML 7Page - STMicroelectronics ST2129B Datasheet HTML 8Page - STMicroelectronics ST2129B Datasheet HTML 9Page - STMicroelectronics ST2129B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Logic diagram
ST2129B
6/21
DocID023308 Rev 2
2
Logic diagram
Figure 2. Logic block diagram
Device block diagrams
Figure 3. ST2129BQTR block diagram
1. When OE is LOW, all I/Os are in high-impedance mode.
2. ST2129BQTR has 2 channels. For simplicity, the above diagram shows only 1 channel.
ST2149
$09
RQHVKRWFLUFXLWEORFN
9&&
9/
N
N
,29&& 
,29/ 
2( 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21