Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95020-R Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M95020-R Datasheet HTML 3Page - STMicroelectronics M95020-R Datasheet HTML 4Page - STMicroelectronics M95020-R Datasheet HTML 5Page - STMicroelectronics M95020-R Datasheet HTML 6Page - STMicroelectronics M95020-R Datasheet HTML 7Page - STMicroelectronics M95020-R Datasheet HTML 8Page - STMicroelectronics M95020-R Datasheet HTML 9Page - STMicroelectronics M95020-R Datasheet HTML 10Page - STMicroelectronics M95020-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DocID6512 Rev 13
7/46
M950x0-W M950x0-R M950x0-DF
Description
45
Table 2. Signal names
Signal name
Function
C
Serial Clock
D
Serial Data input
Q
Serial Data output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46