Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95M01-DF Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 16Page - STMicroelectronics M95M01-DF Datasheet HTML 17Page - STMicroelectronics M95M01-DF Datasheet HTML 18Page - STMicroelectronics M95M01-DF Datasheet HTML 19Page - STMicroelectronics M95M01-DF Datasheet HTML 20Page - STMicroelectronics M95M01-DF Datasheet HTML 21Page - STMicroelectronics M95M01-DF Datasheet HTML 22Page - STMicroelectronics M95M01-DF Datasheet HTML 23Page - STMicroelectronics M95M01-DF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Instructions
M95M01-DF M95M01-R
20/51
DocID13264 Rev 14
6.3.4
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W)
signal enable the device to be put in the Hardware Protected mode (when the Status
Register Write Disable (SRWD) bit is set to 1, and Write Protect (W) is driven low). In this
mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits
and the Write Status Register (WRSR) instruction is no longer accepted for execution.
Table 4. Status Register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect bits
Write Enable Latch bit
Write In Progress bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51