Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4060Y Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce HCF4060Y
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060Y Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button HCF4060Y Datasheet HTML 7Page - STMicroelectronics HCF4060Y Datasheet HTML 8Page - STMicroelectronics HCF4060Y Datasheet HTML 9Page - STMicroelectronics HCF4060Y Datasheet HTML 10Page - STMicroelectronics HCF4060Y Datasheet HTML 11Page - STMicroelectronics HCF4060Y Datasheet HTML 12Page - STMicroelectronics HCF4060Y Datasheet HTML 13Page - STMicroelectronics HCF4060Y Datasheet HTML 14Page - STMicroelectronics HCF4060Y Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
HCF4060
12/15
DocID2055 Rev 6
4.1
PDIP16 (0.25) package information
Figure 8. PDIP16 (0.25) package mechanical drawing
Table 7. PDIP16 (0.25) package mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15