Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C64M32MD2-25BCN Fiches technique(PDF) 39 Page - Alliance Semiconductor Corporation

No de pièce AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Fiches technique(HTML) 39 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Figure 4.21 — LPDDR2-S4: Burst read followed by Precharge:
RL = 3, BL = 8, RU(tRTP(min)/tCK) = 2
Figure 4.22 — LPDDR2-S4: Burst read followed by Precharge: RL = 3, BL = 4, RU(tRTP(min)/tCK) = 3
4.8.2
LPDDR2-SX: Burst Write followed by Precharge
For write cycles, a delay must be satisfied from the time of the last valid burst input data until the Precharge command
may be issued. This delay is known as the write recovery time (tWR) referenced from the completion of the burst write
to the precharge command. No Precharge command to the same bank should be issued prior to the tWR delay.
LPDDR2-S4 devices write data to the array in prefetch quadruples (prefetch = 4). The beginning of an internal write
operation may only begin after a prefetch group has been latched completely. Therefore, the write recovery time (tWR)
starts at different boundaries for LPDDR2-S4 devices.
For LPDDR2-S4 devices, minimum Write to Precharge command spacing to the same bank is WL + BL/2 + 1 +
RU(tWR/tCK) clock cycles. For an untruncated burst, BL is the value from the Mode Register. For an truncated burst,
BL is the effective burst length.
See Table 9 for Write to Precharge timings for LPDDR2-S4
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 39/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More