Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C64M16D2 Fiches technique(PDF) 13 Page - Alliance Semiconductor Corporation

No de pièce AS4C64M16D2
Description  JEDEC Standard Compliant
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D2 Fiches technique(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4C64M16D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M16D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
AS4C64M16D2
Alliance Memory Inc. reserves the right to change products or specification without notice.
12
Rev. 1.1
April. /2012
BA2 BA1 BA0 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0*1
1
1
0*1
- EMR(3)
No function is defined in extended mode register(3).The default value of the extended mode register(3) is not
defined, therefore the extended mode register(3) must be programmed during initialization for proper
operation.
Table 6. Extended Mode Register EMR (3) Bitmap
Address Field
Extended Mode Register(3)
NOTE 1: All bits in EMR (3) except BA0 and BA1 are reserved for future use and must be set to 0 when programming the EMR (3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58