| Moteur de recherche de fiches techniques de composants électroniques |
|
AS4C64M8D2 Fiches technique(PDF) 50 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D2 Fiches technique(HTML) 50 Page - Alliance Semiconductor Corporation |
|
50 / 59 page ![]() AS4C64M8D2 Confidential 50 Rev. 1.0 Feb. /2014 Figure 40. Burst read operation with auto precharge followed by an activation to the same bank (tRP Limit): (RL=5 (AL=2, CL=3, internal tRCD=3, BL=4, tRTP≦2 clocks) CK# CK CMD T0 T1 T4 T5 T6 T7 T8 T2 T3 Post CAS# READ A NOP NOP NOP NOP NOP NOP Bank A Activate NOP DQS DQS# DoutA0 DoutA1 DoutA2 DoutA3 DQ's CL= 3 >=tRAS(min) AL= 2 RL= 5 >= tRC CL=3 A10= 1 Auto Precharge Begins >= tRP Figure 41. Burst write with auto-precharge (tRC Limit): WL=2, WR=2, BL=4, tRP=3 CK# CK CMD T0 T1 T4 T5 T6 T7 Tm T2 T3 Post CAS# WRA Bank A NOP NOP NOP NOP NOP NOP NOP Bank A Active DQS DQS# DNA0 DNA1 DNA2 DNA3 DQ's Auto Precharge Begins WL= RL-1=2 Completion of the Burst Write A10 = 1 >=WR >=tRP >=tRC |