Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FN15734 Fiches technique(PDF) 7 Page - Cree, Inc

No de pièce FN15734
Description  Ronda series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

FN15734 Fiches technique(HTML) 7 Page - Cree, Inc

  FN15734 Datasheet HTML 1Page - Cree, Inc FN15734 Datasheet HTML 2Page - Cree, Inc FN15734 Datasheet HTML 3Page - Cree, Inc FN15734 Datasheet HTML 4Page - Cree, Inc FN15734 Datasheet HTML 5Page - Cree, Inc FN15734 Datasheet HTML 6Page - Cree, Inc FN15734 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7