| Moteur de recherche de fiches techniques de composants électroniques |
|
HSMS-285L Fiches technique(PDF) 12 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HSMS-285L Fiches technique(HTML) 12 Page - Broadcom Corporation. |
|
12 / 13 page ![]() 12 Tape Dimensions and Product Orientation For Outline SOT-23 9 ° MAX A0 P P0 D P2 E F W D1 Ko 8 ° MAX B0 13.5 ° MAX t1 DESCRIPTION SYMBOL SIZE (mm) SIZE (INCHES) LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER A0 B0 K0 P D1 3.15 ± 0.10 2.77 ± 0.10 1.22 ± 0.10 4.00 ± 0.10 1.00 + 0.05 0.124 ± 0.004 0.109 ± 0.004 0.048 ± 0.004 0.157 ± 0.004 0.039 ± 0.002 CAVITY DIAMETER PITCH POSITION D P0 E 1.50 + 0.10 4.00 ± 0.10 1.75 ± 0.10 0.059 + 0.004 0.157 ± 0.004 0.069 ± 0.004 PERFORATION WIDTH THICKNESS W t1 8.00 +0.30 –0.10 0.229 ± 0.013 0.315 +0.012 –0.004 0.009 ± 0.0005 CARRIER TAPE CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) F P2 3.50 ± 0.05 2.00 ± 0.05 0.138 ± 0.002 0.079 ± 0.002 DISTANCE BETWEEN CENTERLINE For Outline SOT-143 W F E P2 P0 D P D1 DESCRIPTION SYMBOL SIZE (mm) SIZE (INCHES) LENGTH WIDTH DEPTH PITCH BOTTOM HOLE DIAMETER A0 B0 K0 P D1 3.19 ± 0.10 2.80 ± 0.10 1.31 ± 0.10 4.00 ± 0.10 1.00 + 0.25 0.126 ± 0.004 0.110 ± 0.004 0.052 ± 0.004 0.157 ± 0.004 0.039 + 0.010 CAVITY DIAMETER PITCH POSITION D P0 E 1.50 + 0.10 4.00 ± 0.10 1.75 ± 0.10 0.059 + 0.004 0.157 ± 0.004 0.069 ± 0.004 PERFORATION WIDTH THICKNESS W t1 8.00 +0.30 –0.10 0.254 ± 0.013 0.315+0.012 –0.004 0.0100 ± 0.0005 CARRIER TAPE CAVITY TO PERFORATION (WIDTH DIRECTION) CAVITY TO PERFORATION (LENGTH DIRECTION) F P2 3.50 ± 0.05 2.00 ± 0.05 0.138 ± 0.002 0.079 ± 0.002 DISTANCE A0 9 ° MAX 9 ° MAX t1 B0 K0 |