Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EP05Q03L Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce EP05Q03L
Description  SBD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

EP05Q03L Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  EP05Q03L Datasheet HTML 1Page - List of Unclassifed Manufacturers EP05Q03L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.011g
Rating
Symbol
EP05Q03L
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
0.49 Ta=25
°C ∗ 1
Average Rectified Output Current
IO
0.50 Tl=106
°C
50Hz Half Sine Wave,
Resistive Load
A
RMS Forward Current
IF(RMS)
0.785
A
Surge Forward Current
IFSM
8
50Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
200
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM=0.5A
-
-
0.45
V
Rth(j-a) Junction to Ambient *
-
-
300
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
70
°C /W
*1: Glass Epoxy Substrate Mounted (Soldering Lands=1x1mm,Both Sides)
(Tl: Lead Temperature)
SBD
Type
Type
Type
Type :
EP05Q03L
EP05Q03L
EP05Q03L
EP05Q03L
FEATURES
FEATURES
FEATURES
FEATURES
* EDEC SOD-123 Package
* Very Low profile 1.1mm Max
* Extremely Low Forward Voltage Drop
* Low Power Loss,High Efficiency
* High Surge Capability
* Low Thermal Resistance
* Packaged in 8mm Tape and Reel


Numéro de pièce similaire - EP05Q03L

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Inter Electronics...
EP05Q03L NIEC-EP05Q03L Datasheet
52Kb / 1P
SBD
logo
Kyocera Kinseki Corpota...
EP05Q03L KSS-EP05Q03L Datasheet
785Kb / 7P
Schottky Barrier Diode
logo
National Instruments Co...
EP05Q03L_2015 NI-EP05Q03L_2015 Datasheet
52Kb / 1P
SBD
More results

Description similaire - EP05Q03L

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
21DQ03 ETC-21DQ03 Datasheet
24Kb / 2P
SBD
logo
Nihon Inter Electronics...
EC30QSA065 NIEC-EC30QSA065 Datasheet
406Kb / 1P
SBD
ESL03B03 NIEC-ESL03B03 Datasheet
144Kb / 1P
SBD
FCH08A15 NIEC-FCH08A15 Datasheet
148Kb / 1P
SBD
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
SBD
FCH30U06 NIEC-FCH30U06 Datasheet
585Kb / 1P
SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
SBD
KCH30A04 NI-KCH30A04_15 Datasheet
149Kb / 1P
SBD
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com