| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS7151 Fiches technique(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS7151 Fiches technique(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS7151 SPREAD SPECTRUM CLOCK GENERATOR SSCG IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR 8 ICS7151 REV J 051310 Ordering Information “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 7151M-10LF 51M-10LF Tubes 8-pin SOIC 0 to +70 ° C 7151M-10LFT 51M-10LF Tape and Reel 8-pin SOIC 0 to +70 ° C 7151M-20LF 51M-20LF Tubes 8-pin SOIC 0 to +70 ° C 7151M-20LFT 51M-20LF Tape and Reel 8-pin SOIC 0 to +70 ° C 7151M-40LF 51M-40LF Tubes 8-pin SOIC 0 to +70 ° C 7151M-40LFT 51M-40LF Tape and Reel 8-pin SOIC 0 to +70 ° C 7151M-50LF 51M-50LF Tubes 8-pin SOIC 0 to +70 ° C 7151M-50LFT 51M-50LF Tape and Reel 8-pin SOIC 0 to +70 ° C 7151MI-10LF 51MI10LF Tubes 8-pin SOIC -40 to +85 ° C 7151MI-10LFT 51MI10LF Tape and Reel 8-pin SOIC -40 to +85 ° C 7151MI-20LF 51MI20LF Tubes 8-pin SOIC -40 to +85 ° C 7151MI-20LFT 51MI20LF Tape and Reel 8-pin SOIC -40 to +85 ° C 7151MI-40LF 51MI40LF Tubes 8-pin SOIC -40 to +85 ° C 7151MI-40LFT 51MI40LF Tape and Reel 8-pin SOIC -40 to +85 ° C 7151MI-50LF 51MI50LF Tubes 8-pin SOIC -40 to +85 ° C 7151MI-50LFT 51MI50LF Tape and Reel 8-pin SOIC -40 to +85 ° C |