| Moteur de recherche de fiches techniques de composants électroniques |
|
DP8310 Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8310 Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 10 page ![]() Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage 70V Input Voltage 35V Output Voltage 35V Maximum Power Dissipation at 25 C Cavity Package 1821 mW DP8310DP8311 2005 mW Storage Temperature Range b 65 Cto a150 C Lead Temperature (Soldering 4 sec) 260 C Derate cavity package 121 mW C above 25 C derate molded package 160 mW C above 25 C Operating Conditions Min Max Units Supply Voltage (VCC) 45 55 V Temperature DP7310DP7311 b 55 a 125 C DP8310DP8311 0 a 70 C Input Voltage 30 V Output Voltage 30 V DC Electrical Characteristics DP7310DP8310 DP7311DP8311 (Notes 2 and 3) Symbol Parameter Conditions Min Typ Max Units VIH Logical ‘‘1’’ Input Voltage 20 V VIL Logical ‘‘0’’ Input Voltage 08 V VOL Logical ‘‘0’’ Output Voltage Data outputs latched to logical ‘‘0’’ VCC e Min DP7310DP7311 IOL e 75 mA 04 V DP8310DP8311 IOL e 100 mA 035 05 V IOH Logical ‘‘1’’ Output Current Data outputs latched to logical ‘‘1’’ VCC e Min DP7310DP7311 VOH e 25V 500 m A DP8310DP8311 VOH e 30V 25 250 m A IIH Logical ‘‘1’’ Input Current VIH e 27V VCC e Max 01 25 m A II Input Current at Maximum Input VIN e 30V VCC e Max 1 250 m A Voltage IIL Logical ‘‘0’’ Input Current VIN e 04V VCC e Max b 215 b 300 m A Vclamp Input Clamp Voltage IIN e 12 mA b 08 b 15 V ICC0 Supply Current Outputs On Data outputs latched to a logical ‘‘0’’ All Inputs are at logical ‘‘1’’ VCC e Max DP7310 100 125 mA DP8310 100 152 mA DP7311 88 117 mA DP8311 88 125 mA ICC1 Supply Current Outputs Off Data outputs latched to a logic ‘‘1’’ Other conditions same as ICC0 DP7310 40 47 mA DP8310 40 57 mA DP7311 25 34 mA DP8311 25 36 mA 2 |