| Moteur de recherche de fiches techniques de composants électroniques |
|
DM7439 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7439 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF9776 August 1989 DM7439 Quad 2-Input NAND Buffer with Open-Collector Output General Description This device contains four independent gates with two data inputs each which performs the logic NAND function Connection Diagram Dual-In-Line Package TLF9776 – 1 Order Number DM7439N See NS Package Number N14A C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM7439 |
|
Description similaire - DM7439 |