| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5532-AS Fiches technique(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5532-AS Fiches technique(HTML) 22 Page - Cirrus Logic |
|
22 / 52 page ![]() CS5531/32/33/34 22 DS289PP5 PERFORM CONVERSION Function: These commands instruct the ADC to perform either a single, fully-settled conversion or con- tinuous conversions on the physical input channel pointed to by the pointer bits (CSRP2 - CRSP0) in the channel-setup register. MC (Multiple Conversions) 0 Perform a single conversion. 1 Perform continuous conversions. CSRP [2:0] (Channel Setup Register Pointer Bits) 000 Setup 1 (All devices) 001 Setup 2 (All devices) 010 Setup 3 (All devices) 011 Setup 4 (All devices) 100 Setup 5 (All devices) 101 Setup 6 (All devices) 110 Setup 7 (All devices) 111 Setup 8 (All devices) D7(MSB) D6D5D4D3D2D1D0 1 MC CSRP2 CSRP1 CSRP0 0 0 0 |