Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-13039 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-13039
Description  Blocks for Intel짰 Edison - Console Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13039 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-13039 Datasheet HTML 1Page - SparkFun Electronics DEV-13039 Datasheet HTML 2Page - SparkFun Electronics DEV-13039 Datasheet HTML 3Page - SparkFun Electronics DEV-13039 Datasheet HTML 4Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Console Block Functional Diagram TOP
• USB Micro B - The USB port provides power and a console access
port to an Intel Edison Stack. This Block supplies a voltage to the
Edison and other Blocks through the VSYS line at 4V. This voltage
may vary up to +/-0.1V depending on load.
• Power Button - The power switch is connected to the “PWRBTN” line
on the Edison. This give the user the ability to place an Edison in
sleep or power down the module completely. This does not affect
power to other Blocks in the stack.
• Power LED - The power LED illuminates when power is present on
VSYS. This can come from the Console Block, or any other powered
Block in the stack.
• Data LEDs - The Data LEDs help the user identify if the console is
active. This is a feature commonly found on our FTDI breakout.
• LED Jumpers - If power consumption is an issue, cut each jumper to
disable LEDs
• Expansion Header - The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
Using the Console Block
To use the console Block, attach an Intel Edison to the back of the board,
or add it to your current stack. Blocks can be stacked without hardware, but
it leaves the expansion connectors unprotected from mechanical stress.
Console Block Installed
We have a nice Hardware Pack available that gives enough hardware to
secure three blocks and an Edison.
Page 2 of 4



Html Pages

1 2 3 4