Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLP32300P2016G Fiches technique(PDF) 39 Page - Zilog, Inc.

No de pièce ZLP32300P2016G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2016G Fiches technique(HTML) 39 Page - Zilog, Inc.

Back Button ZLP32300P2016G Datasheet HTML 35Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 36Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 37Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 38Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 39Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 40Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 41Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 42Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
35
Figure 17. TRANSMIT Mode Flowchart
Set Timeout Status Bit
(CTR0 D5) and Generate
Timeout_Int if Enabled
Set Timeout Status Bit
(CTR0 D5) and Generate
Timeout_Int if Enabled
T8 (8-Bit)
TRANSMIT Mode
No
T8_Enable Bit Set
CTR0, D7
Yes
CTR1, D1
Value
Reset T8_Enable Bit
0
1
Load TC8L
Reset T8_OUT
Load TC8H
Set T8_OUT
Enable T8
No
T8_Timeout
Yes
Single Pass
Single
Modulo-N
T8_OUT Value
0
Enable T8
No
T8_Timeout
Yes
Pass?
Load TC8H
Set T8_OUT
Load TC8L
Reset T8_OUT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99