| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB1211 Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1211 Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 80 page ![]() TUSB1211 www.ti.com SLLSE80B – MARCH 2011 – REVISED JUNE 2015 5.4.10 IFC_CTRL_CLR ADDRESS OFFSET 0x09 PHYSICAL ADDRESS 0x09 INSTANCE USB_SCUSB DESCRIPTION This register doesn't physically exist. It is the same as the ifc_ctrl register with read/clear-only property (write '1' to clear a particular bit, a write '0' has no-action). TYPE RW WRITE LATENCY 7 6 5 4 3 2 1 0 AUTORESUME CARKITMODE BITS FIELD NAME DESCRIPTION TYPE RESET 7 INTERFACE_PROTECT_DISABLE RW 0 6 INDICATORPASSTHRU RW 0 5 INDICATORCOMPLEMENT RW 0 4 AUTORESUME RW 0 3 CLOCKSUSPENDM RW 0 2 CARKITMODE RW 0 1 FSLSSERIALMODE_3PIN RW 0 0 FSLSSERIALMODE_6PIN R 0 Copyright © 2011–2015, Texas Instruments Incorporated Detailed Description 39 Submit Documentation Feedback Product Folder Links: TUSB1211 |