| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS71202 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS71202 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Mar-2017 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TPS71202DRCR ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARQ TPS71202DRCRG4 ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARQ TPS71202DRCT ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARQ TPS71202DRCTG4 ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARQ TPS71219DRCR ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARW TPS71219DRCRG4 ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARW TPS71219DRCT ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARW TPS71219DRCTG4 ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARW TPS71229DRCR ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARU TPS71229DRCT ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARU TPS71229DRCTG4 ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARU TPS71247DRCR ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARS TPS71247DRCRG4 ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARS TPS71247DRCT ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARS TPS71256DRCT ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARV TPS71256DRCTG4 ACTIVE VSON DRC 10 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ARV TPS71257DRCR ACTIVE VSON DRC 10 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ART |