Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IIY7 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce STM32F779IIY7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 66Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 67Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 68Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 69Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 70Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 71Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 72Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 73Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
70/255
DocID028294 Rev 4
28
40
N4
50
53
N4
L9
50
53
N4
PA4
I/O
TT
a
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, SPI6_NSS,
OTG_HS_SOF,
DCMI_HSYNC,
LCD_VSYNC, EVENTOUT
ADC1_IN4,
ADC2_IN4,
DAC_OUT1
29
41
P4
51
54
P4
P11
51
54
P4
PA5
I/O
TT
a
-
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
SPI6_SCK,
OTG_HS_ULPI_CK,
LCD_R4, EVENTOUT
ADC1_IN5,
ADC2_IN5,
DAC_OUT2
30
42
P3
52
55
P3
N10
52
55
P3
PA6
I/O FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO,
SPI6_MISO, TIM13_CH1,
MDIOS_MDC,
DCMI_PIXCLK, LCD_G2,
EVENTOUT
ADC1_IN6,
ADC2_IN6
31
43
R3
53
56
R3
M9
53
56
R3
PA7
I/O FT
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
SPI6_MOSI, TIM14_CH1,
ETH_MII_RX_DV/ETH_RM
II_CRS_DV,
FMC_SDNWE,
EVENTOUT
ADC1_IN7,
ADC2_IN7
32
44
N5
54
57
N5
NC
54
57
N5
PC4
I/O FT
-
DFSDM1_CKIN2,
I2S1_MCK, SPDIF_RX2,
ETH_MII_RXD0/ETH_RMII
_RXD0, FMC_SDNE0,
EVENTOUT
ADC1_IN14,
ADC2_IN14
33
45
P5
55
58
P5
NC
55
58
P5
PC5
I/O FT
-
DFSDM1_DATIN2,
SPDIF_RX3,
ETH_MII_RXD1/ETH_RMII
_RXD1, FMC_SDCKE0,
EVENTOUT
ADC1_IN15,
ADC2_IN15
-
-
-
-
59
L7
-
-
59
L7
VDD
S
-
-
-
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More