| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F779IIH7 Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIH7 Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 72/255 DocID028294 Rev 4 - 51 M8 61 72 K7 P9 61 72 K7 VSS S - - - - 52 N8 6273L8 M8 6273L8 VDD S - - - - 53 N6 63 74 N6 L8 63 74 N6 PF13 I/O FT - I2C4_SMBA, DFSDM1_DATIN6, FMC_A7, EVENTOUT - - 54 R7 64 75 P6 K8 64 75 P6 PF14 I/O FT - I2C4_SCL, DFSDM1_CKIN6, FMC_A8, EVENTOUT - - 55 P7 65 76 M8 P8 65 76 M8 PF15 I/O FT - I2C4_SDA, FMC_A9, EVENTOUT - - 56 N7 66 77 N7 N8 66 77 N7 PG0 I/O FT - FMC_A10, EVENTOUT - - 57 M7 67 78 M7 L7 67 78 M7 PG1 I/O FT - FMC_A11, EVENTOUT - 37 58 R8 68 79 R8 M7 68 79 R8 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, UART7_RX, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - 38 59 P8 69 80 N9 N7 69 80 N9 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, UART7_TX, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - 39 60 P9 70 81 P9 P7 70 81 P9 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, UART7_RTS, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - - 61 M9 71 82 K8 - 71 82 K8 VSS S - - - - - 62 N9 72 83 L9 - 72 83 L9 VDD S - - - - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |