Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4210 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce ADF4210
Description  Dual RF/IF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4210 Fiches technique(HTML) 15 Page - Analog Devices

Back Button ADF4210 Datasheet HTML 11Page - Analog Devices ADF4210 Datasheet HTML 12Page - Analog Devices ADF4210 Datasheet HTML 13Page - Analog Devices ADF4210 Datasheet HTML 14Page - Analog Devices ADF4210 Datasheet HTML 15Page - Analog Devices ADF4210 Datasheet HTML 16Page - Analog Devices ADF4210 Datasheet HTML 17Page - Analog Devices ADF4210 Datasheet HTML 18Page - Analog Devices ADF4210 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–15–
Table VI. RF N Counter Latch Map
DB20 DB19 DB18 DB17 DB16 DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (1)
A1
A2
A3
A4
A5
A6
B12
CONTROL
BITS
12-BIT B COUNTER
DB21
RF N COUNTER LATCH
DB23 DB22
RF
PRESCALER
P17
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
P16
P15
P14
6-BIT A COUNTER
B12
B11
B10
B3
B2
B1
B COUNTER DIVIDE RATIO
000..........
0113
000..........
1004
.............
....
.............
....
.............
....
111..........
100
4092
111..........
101
4093
111..........
110
4094
111..........
111
4095
A COUNTER
A6
A5
..........
A2
A1
DIVIDE RATIO
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
0
0
..........
0
0
4
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
60
1
1
..........
0
1
61
1
1
..........
1
0
62
1
1
..........
1
1
63
N = BP + A, P IS PRESCALER VALUE SET IN THE FUNCTION LATCH. B
MUST BE GREATER THAN OR EQUAL TO A. FOR CONTIGUOUS
VALUES OF N
FREF, NMIN is (P
2 – P).
0
0
8/9
0
1
16/17
1
0
32/33
1
1
64/65
0
DISABLE
1
ENABLE
0
DISABLE
1
ENABLE
P15
P14
PRESCALER
P16
RF POWER-DOWN
P17
RF CP GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20