| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9886/PCB Fiches technique(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9886/PCB Fiches technique(HTML) 32 Page - Analog Devices |
|
32 / 32 page ![]() REV. 0 –32– AD9886 Voltage Reference Bypass with a 0.1 µF capacitor. Place as close to the AD9886 pin as possible. Make the ground connection as short as possible. REFOUT is easily connected to REFIN with a short trace. Avoid making this trace any longer than it needs to be. When using an external reference. The REFOUT output, while unused, still needs to be bypassed with a 0.1 µF capacitor in order to avoid ringing. OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 160-Lead MQFP (S-160) 1.238 (31.45) 1.228 (31.20) SQ 1.219 (30.95) 0.026 (0.65) BSC * LEAD PITCH 1.106 (28.10) 1.102 (28.00) SQ 1.098 (27.90) 0.998 (25.35) BSC SQ 0.015 (0.38) 0.012 (0.30) LEAD WIDTH 0.009 (0.22) 121 160 1 120 40 80 81 TOP VIEW (PINS DOWN) PIN 1 41 0.160 (4.07) MAX 0.041 (1.03) 0.035 (0.88) 0.029 (0.73) 0.010 (0.25) MIN 0.145 (3.67) 0.135 (3.42) 0.125 (3.17) SEATING PLANE 0.004 (0.10) MAX * THE ACTUAL POSITION OF EACH LEAD IS WITHIN 0.0047 (0.12) FROM ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED. |