| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F779IGK7 Fiches technique(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGK7 Fiches technique(HTML) 86 Page - STMicroelectronics |
|
86 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 86/255 DocID028294 Rev 4 96 140 B4 168 199 B4 D9 168 199 B4 PB9 I/O FT - I2C4_SDA, TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, DFSDM1_DATIN7, UART5_TX, CAN1_TX, SDMMC2_D5, I2C4_SMBA, SDMMC1_D5, DCMI_D7, LCD_B7, EVENTOUT - 97 141 A4 169 200 A6 C9 169 200 A6 PE0 I/O FT - TIM4_ETR, LPTIM1_ETR, UART8_RX, SAI2_MCLK_A, FMC_NBL0, DCMI_D2, EVENTOUT - 98 142 A3 170 201 A5 B10 170 201 A5 PE1 I/O FT - LPTIM1_IN2, UART8_TX, FMC_NBL1, DCMI_D3, EVENTOUT - 99 - D5 - 202 F6 A11 - 202 F6 VSS S - - - - - 143 C6 171 203 E5 C10 171 203 E5 PDR_ON S - - - - 10 0 144 C5 172 204 E7 B11 172 204 E7 VDD S - - - - - - D4 173 205 C3 D10 173 205 C3 PI4 I/O FT - TIM8_BKIN, SAI2_MCLK_A, FMC_NBL2, DCMI_D5, LCD_B4, EVENTOUT - - - C4 174 206 D3 D11 174 206 D3 PI5 I/O FT - TIM8_CH1, SAI2_SCK_A, FMC_NBL3, DCMI_VSYNC, LCD_B5, EVENTOUT - - - C3 175 207 D6 C11 175 207 D6 PI6 I/O FT - TIM8_CH2, SAI2_SD_A, FMC_D28, DCMI_D6, LCD_B6, EVENTOUT - - - C2 176 208 D4 B12 176 208 D4 PI7 I/O FT - TIM8_CH3, SAI2_FS_A, FMC_D29, DCMI_D7, LCD_B7, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |