Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IIT7 Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce STM32F779IIT7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIT7 Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button STM32F779IIT7 Datasheet HTML 80Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 81Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 82Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 83Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 84Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 85Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 86Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 87Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
84/255
DocID028294 Rev 4
-
128
A8
156 182
B3
C7
156 182
B3
PG13
I/O FT
-
TRACED0, LPTIM1_OUT,
SPI6_SCK, USART6_CTS,
ETH_MII_TXD0/ETH_RMII
_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
129
A7
157 183
A4
NC
157 183
A4
PG14
I/O FT
-
TRACED1, LPTIM1_ETR,
SPI6_MOSI, USART6_TX,
QUADSPI_BK2_IO3,
ETH_MII_TXD1/ETH_RMII
_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
130
D7
158 184
F7
A8
158 184
F7
VSS
S
-
-
-
-
-
131
C7
159 185
E8
B8
159 185
E8
VDD
S
-
-
-
-
-
-
-
-
186
D8
NC
-
186
D8
PK3
I/O FT
-
LCD_B4, EVENTOUT
-
-
-
-
-
187
D7
NC
-
187
D7
PK4
I/O FT
-
LCD_B5, EVENTOUT
-
-
-
-
-
188
C6
NC
-
188
C6
PK5
I/O FT
-
LCD_B6, EVENTOUT
-
-
-
-
-
189
C5
NC
-
189
C5
PK6
I/O FT
-
LCD_B7, EVENTOUT
-
-
-
-
-
190
C4
NC
-
190
C4
PK7
I/O FT
-
LCD_DE, EVENTOUT
-
-
132
B7
160 191
B7
F9
160 191
B7
PG15
I/O FT
-
USART6_CTS,
FMC_SDNCAS,
DCMI_D13, EVENTOUT
-
89 133 A10 161 192 A10
E8
161 192 A10
PB3
(JTDO/
TRACES
WO)
I/O FT
-
JTDO/TRACESWO,
TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
SPI6_SCK, SDMMC2_D2,
CAN3_RX, UART7_RX,
EVENTOUT
-
90 134
A9
162 193
A9
D8
162 193
A9
PB4(NJT
RST)
I/O FT
-
NJTRST, TIM3_CH1,
SPI1_MISO, SPI3_MISO,
SPI2_NSS/I2S2_WS,
SPI6_MISO, SDMMC2_D3,
CAN3_TX, UART7_TX,
EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More