Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IIY6 Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STM32F779IIY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY6 Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STM32F779IIY6 Datasheet HTML 71Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 72Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 73Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 74Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 75Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 76Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 77Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 78Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 255 page
background image
DocID028294 Rev 4
75/255
STM32F777xx STM32F778Ax STM32F779xx
Pinouts and pin description
105
-
-
K12
89
102
M1
5
P3
-
102
M1
5
PH12
I/O FT
-
TIM5_CH3, I2C4_SDA,
FMC_D20, DCMI_D3,
LCD_R6, EVENTOUT
-
-
-
H12
90
-
K10
N4
-
-
K10
VSS
S
-
-
-
-
-
J12
91
103 K11
-
-
103 K11
VDD
S
-
-
-
51
73
P12
92
104 L13
H8
85
104 L13
PB12
I/O FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
DFSDM1_DATIN1,
USART3_CK, UART5_RX,
CAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_RMII
_TXD0, OTG_HS_ID,
EVENTOUT
-
52
74
P13
93
105 K14
J5
86
105 K14
PB13
I/O FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
DFSDM1_CKIN1,
USART3_CTS,
UART5_TX, CAN2_TX,
OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_RMII
_TXD1, EVENTOUT
OTG_HS_V
BUS
53
75
R14
94
106 R14
N3
87
106 R14
PB14
I/O FT
-
TIM1_CH2N, TIM8_CH2N,
USART1_TX, SPI2_MISO,
DFSDM1_DATIN2,
USART3_RTS,
UART4_RTS, TIM12_CH1,
SDMMC2_D0,
OTG_HS_DM, EVENTOUT
-
54
76
R15
95
107 R15
N2
88
107 R15
PB15
I/O FT
-
RTC_REFIN, TIM1_CH3N,
TIM8_CH3N, USART1_RX,
SPI2_MOSI/I2S2_SD,
DFSDM1_CKIN2,
UART4_CTS, TIM12_CH2,
SDMMC2_D1,
OTG_HS_DP, EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More