Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IGY6 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STM32F779IGY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGY6 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STM32F779IGY6 Datasheet HTML 14Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 15Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 16Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 17Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 18Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 19Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 20Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 21Page - STMicroelectronics STM32F779IGY6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 255 page
background image
Description
STM32F777xx STM32F778Ax STM32F779xx
18/255
DocID028294 Rev 4
1.1
Full compatibility throughout the family
The STM32F777xx, STM32F778Ax and STM32F779xx devices are fully pin-to-pin,
compatible with the STM32F4xxxx devices, allowing the user to try different peripherals,
and reaching higher performances (higher frequency) for a greater degree of freedom
during the development cycle.
Figure 1 gives compatible board designs between the STM32F7xx and STM32F4xx
families.
Figure 1. Compatible board design for LQFP100 package
The STM32F77x LQFP144, LQFP176, LQFP208, TFBGA216, UFBGA176 packages are
fully pin to pin compatible with STM32F4xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More