| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F765 Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765 Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 255 page ![]() Pinouts and pin description STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 66/255 DocID029041 Rev 4 - - D3 11 11 E4 G10 11 11 E4 PI9 I/O FT - UART4_RX, CAN1_RX, FMC_D30, LCD_VSYNC, EVENTOUT - - - E3 12 12 D5 H10 12 12 D5 PI10 I/O FT - ETH_MII_RX_ER, FMC_D31, LCD_HSYNC, EVENTOUT - - - E4 13 13 F3 F11 13 13 F3 PI11 I/O FT - LCD_G6, OTG_HS_ULPI_DIR, EVENTOUT WKUP6 - - F2 14 14 F2 F13 14 14 F2 VSS S - - - - - - F3 15 15 F4 F12 15 15 F4 VDD S - - - - - 10 E2 16 16 D2 G11 16 16 D2 PF0 I/O FT - I2C2_SDA, FMC_A0, EVENTOUT - - 11 H3 17 17 E2 G12 17 17 E2 PF1 I/O FT - I2C2_SCL, FMC_A1, EVENTOUT - - 12 H2 18 18 G2 G13 18 18 G2 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - - - - 19 E3 NC - 19 E3 PI12 I/O FT - LCD_HSYNC, EVENTOUT - - - - - 20 G3 NC - 20 G3 PI13 I/O FT - LCD_VSYNC, EVENTOUT - - - - - 21 H3 NC - 21 H3 PI14 I/O FT - LCD_CLK, EVENTOUT - - 13 J2 19 22 H2 H11 19 22 H2 PF3 I/O FT - FMC_A3, EVENTOUT ADC3_IN9 - 14 J3 20 23 J2 H12 20 23 J2 PF4 I/O FT - FMC_A4, EVENTOUT ADC3_IN14 - 15 K3 21 24 K3 H13 21 24 K3 PF5 I/O FT - FMC_A5, EVENTOUT ADC3_IN15 10 16 G2 22 25 H6 J13 22 25 H6 VSS S - - - - 11 17 G3 23 26 H5 J12 23 26 H5 VDD S - - - - - 18 K2 24 27 K2 NC 24 27 K2 PF6 I/O FT - TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_RX, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |