Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD03A Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STOD03A
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03A Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STOD03A Datasheet HTML 11Page - STMicroelectronics STOD03A Datasheet HTML 12Page - STMicroelectronics STOD03A Datasheet HTML 13Page - STMicroelectronics STOD03A Datasheet HTML 14Page - STMicroelectronics STOD03A Datasheet HTML 15Page - STMicroelectronics STOD03A Datasheet HTML 16Page - STMicroelectronics STOD03A Datasheet HTML 17Page - STMicroelectronics STOD03A Datasheet HTML 18Page - STMicroelectronics STOD03A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DocID17785 Rev 3
15/22
STOD03A
Application information
22
7.2
Recommended PCB layout
The STOD03A is a high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected together
at the CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize ground noise, a common ground node for power ground and a different
one for analog ground must be used. In the recommended layout, the AGND node is placed
close to CREF ground while the PGND node is centered at CIN ground. They are connected
by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
Detailed description
Figure 14. Top layer and top silkscreen top
Figure 15. Bottom layer and silkscreen top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22