Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F769BI Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STM32F769BI
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769BI Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STM32F769BI Datasheet HTML 49Page - STMicroelectronics STM32F769BI Datasheet HTML 50Page - STMicroelectronics STM32F769BI Datasheet HTML 51Page - STMicroelectronics STM32F769BI Datasheet HTML 52Page - STMicroelectronics STM32F769BI Datasheet HTML 53Page - STMicroelectronics STM32F769BI Datasheet HTML 54Page - STMicroelectronics STM32F769BI Datasheet HTML 55Page - STMicroelectronics STM32F769BI Datasheet HTML 56Page - STMicroelectronics STM32F769BI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 255 page
background image
DocID029041 Rev 4
53/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Functional overview
53
–
16-bit RGB, configurations 1, 2, and 3
–
18-bit RGB, configurations 1 and 2
–
24-bit RGB
•
Programmable polarity of all LTDC interface signals
•
Extended resolutions beyond the DPI standard
•
Maximum resolution of 800x480 pixels:
•
Maximum resolution is limited by available DSI physical link bandwidth:
–
Number of lanes: 2
–
Maximum speed per lane: 500 Mbps1Gbps
Adapted interface features
Support for sending large amounts of data through the memory_write_start(WMS) and
memory_write_continue(WMC) DCS commands
•
LTDC interface color coding mappings into 24-bit interface:
–
16-bit RGB, configurations 1, 2, and 3
–
18-bit RGB, configurations 1 and 2
–
24-bit RGB
Video mode pattern generator:
•
Vertical and horizontal color bar generation without LTDC stimuli
•
BER pattern without LTDC stimuli



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More