| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L151RC-A Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RC-A Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 134 page ![]() DocID026119 Rev 6 43/134 STM32L151xC/C-A STM32L152xC/C-A Pin descriptions 54 96 E12 63 37 E1 PC6 I/O FT PC6 TIM3_CH1/I2S2_MCK/ LCD_SEG24 - 97 E11 64 38 E2 PC7 I/O FT PC7 TIM3_CH2/I2S3_MCK/ LCD_SEG25 - 98 E10 65 39 E3 PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26 - 99 D12 66 40 D1 PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27 - 100 D11 67 41 E4 PA8 I/O FT PA8 USART1_CK/MCO/ LCD_COM0 - 101 D10 68 42 D2 PA9 I/O FT PA9 USART1_TX / LCD_COM1 - 102 C12 69 43 D3 PA10 I/O FT PA10 USART1_RX / LCD_COM2 - 103 B12 70 44 C1 PA11 I/O FT PA11 USART1_CTS/ SPI1_MISO USB_DM 104 A12 71 45 C2 PA12 I/O FT PA12 USART1_RTS/ SPI1_MOSI USB_DP 105 A11 72 46 D4 PA13 I/O FT JTMS- SWDIO JTMS-SWDIO - 106 C11 73 - - PH2 I/O FT PH2 - - 107 F11 74 47 B1 VSS_2 S- VSS_2 -- 108 G11 75 48 A1 VDD_2 S- VDD_2 -- 109 A10 76 49 B2 PA14 I/O FT JTCK- SWCLK JTCK-SWCLK - 110 A9 77 50 C3 PA15 I/O FT JTDI TIM2_CH1_ETR/ SPI1_NSS/SPI3_NSS/ I2S3_WS/LCD_SEG17/ JTDI - 111 B11 78 51 A2 PC10 I/O FT PC10 SPI3_SCK/I2S3_CK/ USART3_TX/ LCD_SEG28/LCD_SEG40/ LCD_COM4 - 112 C10 79 52 B3 PC11 I/O FT PC11 SPI3_MISO/USART3_RX/ LCD_SEG29/LCD_SEG41/ LCD_COM5 - Table 8. STM32L151xC/C-A and STM32L152xC/C-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |