Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F765VG Fiches technique(PDF) 231 Page - STMicroelectronics

No de pièce STM32F765VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F765VG Fiches technique(HTML) 231 Page - STMicroelectronics

Back Button STM32F765VG Datasheet HTML 227Page - STMicroelectronics STM32F765VG Datasheet HTML 228Page - STMicroelectronics STM32F765VG Datasheet HTML 229Page - STMicroelectronics STM32F765VG Datasheet HTML 230Page - STMicroelectronics STM32F765VG Datasheet HTML 231Page - STMicroelectronics STM32F765VG Datasheet HTML 232Page - STMicroelectronics STM32F765VG Datasheet HTML 233Page - STMicroelectronics STM32F765VG Datasheet HTML 234Page - STMicroelectronics STM32F765VG Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 255 page
background image
DocID029041 Rev 4
231/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Package information
254
Figure 87. LQFP144, 20 x 20 mm, 144-pin low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More