Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F765VG Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce STM32F765VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F765VG Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button STM32F765VG Datasheet HTML 92Page - STMicroelectronics STM32F765VG Datasheet HTML 93Page - STMicroelectronics STM32F765VG Datasheet HTML 94Page - STMicroelectronics STM32F765VG Datasheet HTML 95Page - STMicroelectronics STM32F765VG Datasheet HTML 96Page - STMicroelectronics STM32F765VG Datasheet HTML 97Page - STMicroelectronics STM32F765VG Datasheet HTML 98Page - STMicroelectronics STM32F765VG Datasheet HTML 99Page - STMicroelectronics STM32F765VG Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 255 page
background image
Port C
PC11
-
-
-
DFSDM1_
DATAIN5
--
SPI3_MI
SO
USART3
_RX
UART4_
RX
QUADSP
I_BK2_N
CS
--
SDMMC
_D3
DCMI_D
4
-
EVEN
TOUT
PC12
TRACED
3
--
-
-
-
SPI3_M
OSI/I2S3
_SD
USART3
_CK
UART5_T
X
--
-
SDMMC
_CK
DCMI_D
9
-
EVEN
TOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVEN
TOUT
Port D
PD0
-
-
-
DFSDM1_
CKIN6
--
DFSDM1
_DATAIN
7
-
UART4_
RX
CAN1_R
X
-
-
FMC_D2
-
-
EVEN
TOUT
PD1
-
-
-
DFSDM1_
DATAIN6
--
DFSDM1
_CKIN7
-
UART4_T
X
CAN1_T
X
-
-
FMC_D3
-
-
EVEN
TOUT
PD2
TRACED
2
-
TIM3_ET
R
--
-
-
-
UART5_
RX
--
-
SDMMC
_CMD
DCMI_D
11
-
EVEN
TOUT
PD3
-
-
-
DFSDM1_
CKOUT
-
SPI2_SC
K/I2S2_
CK
DFSDM1
_DATAIN
0
USART2
_CTS
--
-
-
FMC_CL
K
DCMI_D
5
LCD_G7
EVEN
TOUT
PD4
-
-
-
-
-
-
DFSDM1
_CKIN0
USART2
_RTS
--
-
-
FMC_N
OE
--
EVEN
TOUT
PD5
---
-
-
--
USART2
_TX
--
-
-
FMC_N
WE
--
EVEN
TOUT
PD6
-
-
-
DFSDM1_
CKIN4
-
SPI3_M
OSI/I2S3
_SD
SAI1_SD
_A
USART2
_RX
--
DFSDM1_
DATAIN1
SDMMC2
_CK
FMC_N
WAIT
DCMI_D
10
LCD_B2
EVEN
TOUT
PD7
-
-
-
DFSDM1_
DATAIN4
-
SPI1_M
OSI/I2S1
_SD
DFSDM1
_CKIN1
USART2
_CK
SPDIF_R
X0
--
SDMMC2
_CMD
FMC_NE
1
--
EVEN
TOUT
Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More