| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L162VC Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VC Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 123 page ![]() Package information STM32L162VC, STM32L162RC 108/123 DocID022881 Rev 10 7.2 LQFP64, 10 x 10 mm, 64-pin low-profile quad flat package information Figure 32. LQFP64, 10 x 10 mm, 64-pin low-profile quad flat package outline 1. Drawing is not to scale. Table 67. LQFP64, 10 x 10 mm 64-pin low-profile quad flat package mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A - - 1.600 - - 0.0630 A1 0.050 - 0.150 0.0020 - 0.0059 A2 1.350 1.400 1.450 0.0531 0.0551 0.0571 b 0.170 0.220 0.270 0.0067 0.0087 0.0106 c 0.090 - 0.200 0.0035 - 0.0079 D - 12.000 - - 0.4724 - D1 - 10.000 - - 0.3937 - D3 - 7.500 - - 0.2953 - E - 12.000 - - 0.4724 - E1 - 10.000 - - 0.3937 - |