| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L162VC Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VC Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 123 page ![]() DocID022881 Rev 10 67/123 STM32L162VC, STM32L162RC 104 6.3.6 External clock source characteristics High-speed external user clock generated from an external source In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.The external clock signal has to respect the I/O characteristics in Section 6.3.12. However, the recommended clock input waveform is shown in Figure 12. Figure 12. High-speed external clock source AC timing diagram 1. Guaranteed by characterization, unless otherwise specified Table 27. High-speed external user clock characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fHSE_ext User external clock source frequency CSS is on or PLL is used 18 32 MHz CSS is off, PLL not used 08 32 MHz VHSEH OSC_IN input pin high level voltage - 0.7VDD -VDD V VHSEL OSC_IN input pin low level voltage VSS -0.3VDD tw(HSEH) tw(HSEL) OSC_IN high or low time 12 - - ns tr(HSE) tf(HSE) OSC_IN rise or fall time - - 20 Cin(HSE) OSC_IN input capacitance - 2.6 - pF |