Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F765NI Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F765NI
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F765NI Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F765NI Datasheet HTML 1Page - STMicroelectronics STM32F765NI Datasheet HTML 2Page - STMicroelectronics STM32F765NI Datasheet HTML 3Page - STMicroelectronics STM32F765NI Datasheet HTML 4Page - STMicroelectronics STM32F765NI Datasheet HTML 5Page - STMicroelectronics STM32F765NI Datasheet HTML 6Page - STMicroelectronics STM32F765NI Datasheet HTML 7Page - STMicroelectronics STM32F765NI Datasheet HTML 8Page - STMicroelectronics STM32F765NI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 255 page
background image
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
2/255
DocID029041 Rev 4
• Up to 28 communication interfaces
– Up to 4 I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs/4 UARTs (12.5 Mbit/s,
ISO7816 interface, LIN, IrDA, modem
control)
– Up to 6 SPIs (up to 54 Mbit/s), 3 with
muxed simplex I2S for audio
– 2 x SAIs (serial audio interface)
– 3 × CANs (2.0B Active) and 2x SDMMCs
– SPDIFRX interface
– HDMI-CEC
– MDIO slave interface
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and ULPI
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit camera interface up to 54 Mbyte/s
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F765xx
STM32F765BI, STM32F765BG, STM32F765NI, STM32F765NG,STM32F765II,
STM32F765IG, STM32F765ZI, STM32F765ZG, STM32F765VI, STM32F765VG
STM32F767xx
STM32F767BG, STM32F767BI, STM32F767IG, STM32F767II, STM32F767NG,
STM32F767NI, STM32F767VG, STM32F767VI, STM32F767ZG, STM32F767ZI
STM32F768Ax
STM32F768AI
STM32F769xx
STM32F769AG, STM32F769AI, STM32F769BG, STM32F769BI, STM32F769IG,
STM32F769II, STM32F769NG, STM32F769NI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More